| Moteur de recherche de fiches techniques de composants électroniques |
|
PT-RZ970 Fiches technique(PDF) 20 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
PT-RZ970 Fiches technique(HTML) 20 Page - Panasonic Semiconductor |
|
20 / 21 page ![]() 20/2 1 As of July 2016 SFD16M034 DLP™ Projector PT-RZ970B/RZ970W/RZ970LB/RZ970LW List of SDI compatible signals The following table specifies the SDI signals that the projector can project. Format Color space Sampling Compatible signal H (KHz) V (Hz) Resolution (Dots) Dot clock freq. (MHz) Scanning freq. 720 x 480i 720 x 576i 1280 x 720 1280 x 720 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080i 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 1920 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 2048 x 1080 15.7 15.6 45.0 37.5 33.8 33.8 33.8 33.8 33.8 28.1 28.1 28.1 28.1 28.1 27.0 27.0 27.0 27.0 27.0 27.0 27.0 27.0 27.0 27.0 28.1 28.1 28.1 28.1 28.1 33.8 33.8 33.8 33.8 33.8 67.5 67.5 56.3 56.3 27.0 27.0 27.0 27.0 28.1 28.1 28.1 28.1 33.8 33.8 33.8 33.8 54.0 54.0 56.3 56.3 67.5 67.5 59.9 50.0 60.0 50.0 60.0 60.0 60.0 60.0 60.0 50.0 50.0 50.0 50.0 50.0 24.0 24.0 24.0 24.0 24.0 48.0 48.0 48.0 48.0 48.0 25.0 25.0 25.0 25.0 25.0 30.0 30.0 30.0 30.0 30.0 60.0 60.0 50.0 50.0 24.0 24.0 24.0 24.0 25.0 25.0 25.0 25.0 30.0 30.0 30.0 30.0 48.0 48.0 50.0 50.0 60.0 60.0 27.0 27.0 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 148.5 148.5 148.5 148.5 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 148.5 148.5 148.5 148.5 148.5 148.5 SD-SDI SD-SDI HD-SDI HD-SDI HD-SDI 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B HD-SDI 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B HD-SDI 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B HD-SDI 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B HD-SDI 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B HD-SDI 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B 3G-SDI Level-A 3G-SDI Level-B YCBCR YCBCR YPBPR YPBPR YPBPR RGB RGB RGB RGB YPBPR RGB RGB RGB RGB YPBPR RGB RGB RGB RGB YPBPR RGB RGB RGB RGB YPBPR RGB RGB RGB RGB YPBPR RGB RGB RGB RGB YPBPR YPBPR YPBPR YPBPR RGB RGB RGB RGB RGB RGB RGB RGB RGB RGB RGB RGB YPBPR YPBPR YPBPR YPBPR YPBPR YPBPR 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:4:4 10bit 4:4:4 10bit 4:4:4 12bit 4:4:4 12bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 4:2:2 10bit 480/60i 576/50i 720/60p 720/50p 1080/60i 1080/50i 1080/24p 1080/24sF 1080/25p 1080/30p 1080/60p 1080/50p 2K/24p 2K/25p 2K/30p 2K/48p 2K/50p 2K/60p |