Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT-RZ970 Fiches technique(PDF) 11 Page - Panasonic Semiconductor

No de pièce PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Fiches technique(HTML) 11 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 14Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/2 1
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
Standard setting-up position (If using the ET-DLE030)
Caution:
• All construction work should be done by a qualified technician.
• When mounting to the ceiling, use the special mounting bracket. Furthermore, in order to prevent it from falling
down from the ceiling, use the supplied wire on the mounting bracket.
unit : mm (inch)
NOTE:
Illustrations show the projector
installed using optional ceiling mount
bracket ET-PKD130H, optional bracket
assembly ET-PKD130B and an optional lens.
This illustration is not drawn to scale.
NOTE:
Illustrations show the projector
installed using optional ceiling mount
bracket ET-PKD130H, optional bracket
assembly ET-PKD130B and an optional lens.
This illustration is not drawn to scale.
*1 Continuous height adjustment possible.
308
(12-1/8)
100
(3-15/16)
Upper edge of
projected image
238.5
(9-3/8)
299.5
(11-25/32)
L1
L4
L3
ø60.5
Projected image
Lower edge of
projected image
L1
L4
L3
Projected image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21