Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT-RQ13K Fiches technique(PDF) 12 Page - Panasonic Semiconductor

No de pièce PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Fiches technique(HTML) 12 Page - Panasonic Semiconductor

Back Button PT-RQ13K Datasheet HTML 8Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 9Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 10Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 11Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 12Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 13Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 14Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 15Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
H
(Width of
projected image)
Shift range
Optical axis shift function allows to shift the position of a projected image as shown below.
• When the lens except the ET-D75LE6 is mounted
H
(Width of
projected image)
• When the ET-D75LE6 is mounted
NOTE: Because the ET-D75LE50 is a fixed short-throw lens, the lens shift function cannot be used with it.
Installable angle
Install the projector at an angle within the range shown below.
Vertical 360-deg.
FULL 360-degree projection
Horizontal 360-deg.
Tilting 360-deg.
(V&H combination)
0.29H
0.29H
0.19H
0.19H
360°
360°
360°
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
12/19
SFD15M032-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19