| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7409D Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7409D Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 25 page ![]() TDA7409 16/25 2.4 SUBADDRESS (receive mode) 1 For more information see Soft Mute-section 2 For more information see AutoZero-section 3 For more information see Test Programming block 4 If this bit is set to "1", the subaddress is automatically incremented after the transmission of a data-byte. Therefore a transmission of more than one byte without sending the new subaddress is possible. MSB LSB FUNCTION I3 I2 I1 I0 A3 A2 A1 A0 0 1 Zero cross / Soft Mute 1 Zero Cross available Soft Mute available 0 1 AutoZero Remain 2 off on 0 1 Testmode 3 off on 0 1 Auto-Increment Mode 4 off on 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Input Selector / Gain Loudness Volume Treble Bass Speaker attenuator LF / Bass Fc select Speaker attenuator RF Speaker attenuator LR Speaker attenuator RR Subwoofer attenuator LSW Subwoofer attenuator RSW SoftMute / Mixing Others selection Testing |