| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7409D Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7409D Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 25 page ![]() 1/25 TDA7409 September 2003 s 4 STEREO INPUTSSOFTSTEP-VOLUME s BASS, TREBLE AND LOUDNESS CONTROL s DIRECT MUTEAND SOFTMUTE s INTERNAL BEEP s FOUR INDEPENDENT SPEAKER-OUTPUTS s SUBWOOFER STEREO OUTPUT s DIGITAL CONTROL: q I2C-BUS INTERFACE q AUDIO-FILTER CHARACTERISTICS PROGRAMMABLE DESCRIPTION The TDA7409 is a high performance signal proces- sor specificall designed for car radio applications. The device includes a high performance audiopro- cessor with fully integrated audio filters. The digital control allows a programming in a wide range of all the filter characteristics. By the use of a BICMOS- process and a linear signal processing low distortion and low noise are obtained. SO20 ORDERING NUMBER: TDA7409D CARRADIO-SIGNAL-PROCESSOR BLOCK DIAGRAM INPUT MULTIPLEXER GND SCL SDA SWR SWL OUTRR OUTLR OUTRF OUTLF MUTE SE4L SE4L SE3R SE3L SE2R SE2L SE1R SE1L VREF VS MONO FADER GAIN/ AUTO ZERO SOFT MUTE ZERO CROSS MIXING STAGE MONO/ BEEP BEEP SUPPLY LOUDNESS DIGITAL CONTROL I2C-BUS VOLUME TREBLE BASS MONO FADER MONO FADER MONO FADER MONO FADER MONO FADER D00AU1178 |
Numéro de pièce similaire - TDA7409D |
|
Description similaire - TDA7409D |