Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM809TW16F Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STM809TW16F
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809TW16F Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STM809TW16F Datasheet HTML 10Page - STMicroelectronics STM809TW16F Datasheet HTML 11Page - STMicroelectronics STM809TW16F Datasheet HTML 12Page - STMicroelectronics STM809TW16F Datasheet HTML 13Page - STMicroelectronics STM809TW16F Datasheet HTML 14Page - STMicroelectronics STM809TW16F Datasheet HTML 15Page - STMicroelectronics STM809TW16F Datasheet HTML 16Page - STMicroelectronics STM809TW16F Datasheet HTML 17Page - STMicroelectronics STM809TW16F Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
STM809/810/811/812
PART NUMBERING
Table 8. Ordering Information Scheme
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
STM8XX
L
WX
6
F
Device Type
STM8XX
Reset Threshold Voltage
L = VRST = 4.50V to 4.75V
M = VRST = 4.25V to 4.50V
T = VRST = 3.00V to 3.15V
S = VRST = 2.85V to 3.00V
R = VRST = 2.55V to 2.70V
Package
WX = SOT23-3 (STM809, STM810)
W1 = SOT143-4 (STM811, STM812)
Temperature Range
6 = –40 to 85°C
Shipping Method
F = Pb-Free Package (ECO
PACK®), Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18