| Moteur de recherche de fiches techniques de composants électroniques |
|
STM809TW16F Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM809TW16F Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 18 page ![]() 13/18 STM809/810/811/812 PACKAGE MECHANICAL Figure 16. SOT23-3 – 3-lead Small Outline Transistor Package Outline Note: Drawing is not to scale. Table 6. SOT23-3 – 3-lead Small Outline Transistor Package Mechanical Data Symbol mm inches Typ Min Max Typ Min Max A 0.89 1.12 0.035 0.044 A1 0.01 0.10 0.001 0.004 A2 0.88 1.02 0.035 0.042 b 0.30 0.50 0.012 0.020 C 0.08 0.20 0.003 0.008 D 2.80 3.04 0.110 0.120 E 2.10 2.64 0.083 0.104 E1 1.20 1.40 0.047 0.055 e 0.89 1.03 0.035 0.041 e1 1.78 2.05 0.070 0.081 L 0.54 0.021 L1 0.40 0.60 0.016 0.024 Θ 0° 8° 0° 8° N3 3 SOT23-3 0.10 C A A2 A1 3X C C L1 θ L C e1 D e 3X b E M 0.15 CA B B E1 A M 0.20 C A B 1 |