| Moteur de recherche de fiches techniques de composants électroniques |
|
STV6413D Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6413D Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 28 page ![]() 5/28 STV6413 General Information 43 VCCB3 Video Output Buffer Supply Pin 44 Y/CVBSOUT_TV Y/CVBS Output to TV SCART 45 VCCB2 Video Output Buffer Supply Pin 46 COUT_VCR Chroma Output to VCR SCART 47 VCCB1 Video Output Buffer Supply Pin 48 Y/CVBSOUT_VCR Y/CVBS Output to VCR SCART 49 FBOUT_TV Fast Blanking Output to TV SCART 50 FBIN_VCR Fast Blanking Input from VCR SCART 51 FBIN_ENC Fast Blanking Input from Encoder 52 C_GATE External MOS Command for C_VCR bidirectional mode 53 VDD +5 V I²C Supply 54 NC Not connected 55 SCL I²C Bus Clock 56 SDA I²C Bus Data 57 GND Ground Digital 58 IT_OUT Interrupt Output 59 SLB_TV Slow Blanking Input/Output from TV SCART 60 R/CIN_VCR Red Input (or C Input) from VCR SCART 61 SLB_VCR Slow Blanking Input/Output from VCR SCART 62 GIN_VCR Green Input from VCR SCART 63 VCC12 +12 V Supply 64 BIN_VCR Blue Input from VCR SCART Table 1: Pin Description (Sheet 3 of 3) Pin No. Name Function |