| Moteur de recherche de fiches techniques de composants électroniques |
|
STV6413D Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6413D Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 28 page ![]() Electrical Characteristics STV6413 14/28 I²C Bus Characteristics Symbol Parameter Test Conditions Min. Typ. Max. Unit SCL VIL Low Level Input Voltage -0.3 1.5 V VIH High Level Input Voltage 2.3 5.5 V ILI Input Leakage Current VIN = 0 to 5.5 V -10 0 10 µA SDA VIL Low Level Input Voltage -0.3 1.5 V VIH High Level Input Voltage 2.3 5.5 V ILI Input Leakage Current VIN = 0 to 5.5 V -10 0 10 µA CI Input Capacitance 10 pF tR Input Rise Time 1.5 V to 3 V 1 µs tF Input Fall Time 3 V to 1.5 V 300 ns VOL Low Level Output Voltage IOL = 3 mA 0.4 V tF Output Fall Time 3 V to 1.5 V 250 ns CL Load Capacitance 400 pF Timing tLOW Clock Low Period 4.7 µs tHIGH Clock High Period 4 µs tSU,DAT Data Setup Time 250 ns tHD,DAT Data Hold Time 0 340 ns tSU,STO Setup Time from Clock High to Stop 4 µs tBUF Start Setup Time following a Stop 4.7 µs tHD,STA Start Hold Time 4 µs tSU,STA Start Setup Time following Clock Low to High Transition 4.7 µs Figure 4: I²C Bus Timing (Start, Stop) SDA SDA SCL tBUF tLOW tF tHIGH tHD, DAT tSU, DAT tSU, STO tSU, STA tHD,STA tR |