| Moteur de recherche de fiches techniques de composants électroniques |
|
PE-0603CDR10KTT Fiches technique(PDF) 4 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
PE-0603CDR10KTT Fiches technique(HTML) 4 Page - Pulse A Technitrol Company |
|
4 / 5 page ![]() 12 www.pulseeng.com G003.U (2/07) INDUSTRY STANDARD PERFORMANCE (continued) 1206CD Series PE-1206CD030KTT 3.3 @ 100 MHz ±5% (J) 30 @ 300 MHz 6200 PE-1206CD060KTT 6.8 @ 100 MHz ±5% (J) 30 @ 300 MHz 5500 PE-1206CD100KTT 10 @ 100 MHz ±5% (J) 40 @ 300 MHz 4000 PE-1206CD120KTT 12 @ 100 MHz ±5% (J) 40 @ 300 MHz 3200 PE-1206CD150KTT 15 @ 100 MHz ±5% (J) 40 @ 300 MHz 3200 PE-1206CD180KTT 18 @ 100 MHz ±5% (J) 50 @ 300 MHz 2800 PE-1206CD220KTT 22 @ 100 MHz ±5% (J) 50 @ 300 MHz 2200 PE-1206CD270KTT 27 @ 100 MHz ±5% (J) 50 @ 300 MHz 1800 PE-1206CD330KTT 33 @ 100 MHz ±5% (J) 55 @ 300 MHz 1800 PE-1206CD390KTT 39 @ 100 MHz ±5% (J) 55 @ 300 MHz 1800 PE-1206CD470KTT 47 @ 100 MHz ±5% (J) 55 @ 300 MHz 1500 PE-1206CD560KTT 56 @ 100 MHz ±5% (J) 55 @ 300 MHz 1450 PE-1206CD680KTT 68 @ 100 MHz ±5% (J) 55 @ 300 MHz 1200 PE-1206CD820KTT 82 @ 100 MHz ±5% (J) 55 @ 300 MHz 1200 PE-1206CD101KTT 100 @ 100 MHz ±5% (J) 55 @ 300 MHz 1100 PE-1206CD121KTT 120 @ 100 MHz ±5% (J) 60 @ 300 MHz 1100 Part Inductance Optional Q SRF Number* (nH) Tolerance (MIN) (MHz MIN) 1206CD Series (continued) PE-1206CD151KTT 150 @ 100 MHz ±5% (J) 60 @ 300 MHz 950 PE-1206CD181KTT 180 @ 50 MHz ±5% (J) 60 @ 300 MHz 900 PE-1206CD221KTT 220 @ 50 MHz ±5% (J) 60 @ 300 MHz 760 PE-1206CD271KTT 270 @ 50 MHz ±5% (J) 55 @ 300 MHz 730 PE-1206CD331KTT 330 @ 50 MHz ±5% (J) 45 @ 150 MHz 650 PE-1206CD391KTT 390 @ 50 MHz ±5% (J) 45 @ 150 MHz 600 PE-1206CD471KTT 470 @ 50 MHz ±5% (J) 45 @ 150 MHz 550 PE-1206CD561KTT 560 @ 35 MHz ±5% (J) 45 @ 150 MHz 470 PE-1206CD621KTT 620 @ 35 MHz ±5% (J) 45 @ 150 MHz 470 PE-1206CD681KTT 680 @ 35 MHz ±5% (J) 45 @ 150 MHz 450 PE-1206CD751KTT 750 @ 35 MHz ±5% (J) 45 @ 150 MHz 440 PE-1206CD821KTT 820 @ 35 MHz ±5% (J) 45 @ 150 MHz 420 PE-1206CD911KTT 910 @ 35 MHz ±5% (J) 45 @ 150 MHz 410 PE-1206CD102KTT 1000 @ 35 MHz ±5% (J) 45 @ 150 MHz 400 PE-1206CD122KTT 1200 @ 35 MHz ±5% (J) 45 @ 150 MHz 380 Part Inductance Optional Q SRF Number* (nH) Tolerance (MIN) (MHz MIN) 0805FT Series PE-0805FT102KTT 1.0 @ 7.96C MHz ±5% (J) 15 @ 7.96 MHz 63 1.20 245 PE-0805FT152KTT 1.5 @ 7.96 MHz ±5% (J) 15 @ 7.96 MHz 60 1.45 225 PE-0805FT222KTT 2.2 @ 7.96 MHz ±5% (J) 15 @ 7.96 MHz 58 1.80 200 PE-0805FT332KTT 3.3 @ 7.96 MHz ±5% (J) 15 @ 7.96 MHz 50 2.30 175 PE-0805FT472KTT 4.7 @ 7.96 MHz ±5% (J) 15 @ 7.96 MHz 43 2.80 140 PE-0805FT682KTT 6.8 @ 7.96 MHz ±5% (J) 15 @ 7.96 MHz 36 3.40 115 PE-0805FT103KTT 10 @ 2.52 MHz ±5% (J) 10 @ 2.52 MHz 30 4.70 98 PE-0805FT153KTT 15 @ 2.52 MHz ±5% (J) 10 @ 2.52 MHz 23 6.50 80 PE-0805FT223KTT 22 @ 2.52 MHz ±5% (J) 10 @ 2.52 MHz 20 8.00 68 PE-0805FT333KTT 33 @ 2.52 MHz ±5% (J) 10 @ 2.52 MHz 17 10.70 60 PE-0805FT473KTT 47 @ 2.52 MHz ±5% (J) 10 @ 2.52 MHz 14 13.80 55 PE-0805FT683KTT 68 @ 2.52 MHz ±5% (J) 8 @ 2.52 MHz 11 17.50 49 1008FD Series PE-1008FD151KTT 0.15 @ 25 MHz ±5% (J) 45 @ 100 MHz 500 0.35 750 PE-1008FD181KTT 0.18 @ 25 MHz ±5% (J) 45 @ 100 MHz 500 0.40 750 PE-1008FD331KTT 0.33 @ 25 MHz ±5% (J) 45 @ 100 MHz 500 0.50 700 PE-1008FD122KTT 1.20 @ 7.9 MHz ±5% (J) 48 @ 50 MHz 210 0.68 650 PE-1008FD152KTT 1.50 @ 7.9 MHz ±5% (J) 41 @ 50 MHz 190 0.76 630 PE-1008FD182KTT 1.80 @ 7.9 MHz ±5% (J) 39 @ 50 MHz 170 0.84 600 PE-1008FD222KTT 2.20 @ 7.9 MHz ±5% (J) 34 @ 50 MHz 150 1.10 520 PE-1008FD272KTT 2.70 @ 7.9 MHz ±5% (J) 34 @ 50 MHz 135 1.28 490 PE-1008FD332KTT 3.30 @ 7.9 MHz ±5% (J) 32 @ 50 MHz 120 1.46 450 PE-1008FD392KTT 3.90 @ 7.9 MHz ±5% (J) 32 @ 7.9 MHz 102 1.56 420 PE-1008FD472KTT 4.70 @ 7.9 MHz ±5% (J) 31 @ 7.9 MHz 90 1.68 400 PE-1008FD562KTT 5.60 @ 7.9 MHz ±5% (J) 31 @ 7.9 MHz 80 1.82 380 PE-1008FD682KTT 6.80 @ 7.9 MHz ±5% (J) 31 @ 7.9 MHz 60 2.00 360 PE-1008FD822KTT 8.20 @ 7.9 MHz ±5% (J) 23 @ 7.9 MHz 65 2.65 330 PE-1008FD103KTT 10.00 @ 7.9 MHz ±5% (J) 31 @ 7.9 MHz 60 2.95 300 Part Inductance Optional Q SRF RDC IDC Number* (µH) Tolerance (MIN) (MHz MIN) ( Ω MAX)(mA MAX) FERRITE CORE Part Inductance Optional Q SRF RDC IDC Number* (µH) Tolerance (MIN) (MHz MIN) ( Ω MAX)(mA MAX) 1210FT Series PE-1210FT470KTT 0.047 @ 100 MHz ±5% (J) 26 @ 100 MHz 1200 0.30 450 PE-1210FT560KTT 0.056 @ 100 MHz ±5% (J) 26 @ 100 MHz 1100 0.33 450 PE-1210FT680KTT 0.068 @ 100 MHz ±5% (J) 27 @ 100 MHz 1000 0.36 450 PE-1210FT820KTT 0.082 @ 100 MHz ±5% (J) 27 @ 100 MHz 900 0.40 450 PE-1210FT101KTT 0.100 @ 100 MHz ±5% (J) 28 @ 100 MHz 700 0.44 450 PE-1210FT121KTT 0.120 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 500 0.22 450 PE-1210FT151KTT 0.150 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 450 0.25 450 PE-1210FT181KTT 0.180 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 400 0.28 450 PE-1210FT221KTT 0.220 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 350 0.32 450 PE-1210FT271KTT 0.270 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 320 0.36 450 PE-1210FT331KTT 0.330 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 300 0.40 450 PE-1210FT391KTT 0.390 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 250 0.45 450 PE-1210FT471KTT 0.470 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 220 0.50 450 PE-1210FT561KTT 0.560 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 180 0.55 450 PE-1210FT681KTT 0.680 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 160 0.60 450 PE-1210FT821KTT 0.820 @ 25.2 MHz ±5% (J) 30 @ 25.2 MHz 140 0.65 450 PE-1210FT102KTT 1.000 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 120 0.70 400 PE-1210FT122KTT 1.200 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 100 0.75 390 PE-1210FT152KTT 1.500 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 85 0.85 370 PE-1210FT182KTT 1.800 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 80 0.90 350 PE-1210FT222KTT 2.200 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 75 1.00 320 PE-1210FT272KTT 2.700 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 70 1.10 290 PE-1210FT332KTT 3.300 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 60 1.20 260 PE-1210FT392KTT 3.900 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 55 1.30 250 PE-1210FT472KTT 4.700 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 50 1.50 224 PE-1210FT562KTT 5.600 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 45 1.60 204 PE-1210FT682KTT 6.800 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 40 1.80 180 PE-1210FT822KTT 8.200 @ 7.96 MHz ±5% (J) 30 @ 7.96 MHz 35 2.00 170 PE-1210FT103KTT 10.000 @ 2.52 MHz ±5% (J) 30 @ 2.52 MHz 30 2.10 150 PE-1210FT123KTT 12.000 @ 2.52 MHz ±5% (J) 30 @ 2.52 MHz 20 2.50 140 *NOTE: Referenced part is Standard Tolerance, 10% (K). To order parts with optional tolerances, see the Part Number Ordering Guide on the last page of this section. Surface Mount RF Chip Inductors RF CHIP INDUCTORS |