| Moteur de recherche de fiches techniques de composants électroniques |
|
PE-0603CDR10KTT Fiches technique(PDF) 1 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
PE-0603CDR10KTT Fiches technique(HTML) 1 Page - Pulse A Technitrol Company |
|
1 / 5 page ![]() G003.U (2/07) www.pulseeng.com 9 Miniature, Wirewound Components Pulse’s popular RF chip inductors provide high-quality filtering in mobile phones, wireless applications, digital cameras, disk drives and audio equipment. The inductors are also used in multi-purpose RF modules for telecom, automotive and consumer electronic applications. Our RF chip inductors use wirewound technology with ceramic or ferrite cores in industry standard sizes and footprints. From the ultra-small, low-profile 0402 series, which helps to increase the density on today’s most demanding requirements, to the 1812 series reaching 1 mH inductance value. Pulse is able to meet all your needs in a wide range of applications. Pulse's RF chip inductor series is matched in performance to the industry competition with full compatibility and operating frequency ranges. 0402CD Series PE-0402CD1N0KTG 1.0 @ 250 MHz ±5% (J) 13 @ 250 MHz 6000 0.045 1360 PE-0402CD1N2KTG 1.2 @ 250 MHz ±5% (J) 13 @ 250 MHz 6000 0.060 1300 PE-0402CD1N8KTG 1.8 @ 250 MHz ±5% (J) 16 @ 250 MHz 6000 0.070 1040 PE-0402CD1N9KTG 1.9 @ 250 MHz ±5% (J) 16 @ 250 MHz 6000 0.070 1040 PE-0402CD2N0KTG 2.0 @ 250 MHz ±5% (J) 16 @ 250 MHz 6000 0.070 1040 PE-0402CD2N2KTG 2.2 @ 250 MHz ±5% (J) 18 @ 250 MHz 6000 0.070 960 PE-0402CD2N4KTG 2.4 @ 250 MHz ±5% (J) 18 @ 250 MHz 6000 0.068 900 PE-0402CD2N7KTG 2.7 @ 250 MHz ±5% (J) 18 @ 250 MHz 6000 0.120 860 PE-0402CD3N3KTG 3.3 @ 250 MHz ±5% (J) 20 @ 250 MHz 6000 0.066 840 PE-0402CD3N6KTG 3.6 @ 250 MHz ±5% (J) 20 @ 250 MHz 6000 0.066 840 PE-0402CD3N9KTG 3.9 @ 250 MHz ±5% (J) 20 @ 250 MHz 5800 0.066 840 PE-0402CD4N3KTG 4.3 @ 250 MHz ±5% (J) 20 @ 250 MHz 5800 0.091 640 PE-0402CD4N7KTG 4.7 @ 250 MHz ±5% (J) 20 @ 250 MHz 4775 0.130 640 PE-0402CD5N1KTG 5.1 @ 250 MHz ±5% (J) 23 @ 250 MHz 5800 0.083 800 PE-0402CD5N6KTG 5.6 @ 250 MHz ±5% (J) 23 @ 250 MHz 5800 0.083 760 PE-0402CD6N2KTG 6.2 @ 250 MHz ±5% (J) 23 @ 250 MHz 5800 0.083 760 PE-0402CD6N8KTG 6.8 @ 250 MHz ±5% (J) 20 @ 250 MHz 5800 0.083 680 PE-0402CD7N5KTG 7.5 @ 250 MHz ±5% (J) 25 @ 250 MHz 5800 0.104 680 PE-0402CD8N2KTG 8.2 @ 250 MHz ±5% (J) 25 @ 250 MHz 4400 0.104 680 PE-0402CD8N7KTG 8.7 @ 250 MHz ±5% (J) 21 @ 250 MHz 4100 0.200 680 PE-0402CD9N0KTG 9.0 @ 250 MHz ±5% (J) 25 @ 250 MHz 4160 0.104 680 PE-0402CD9N5KTG 9.5 @ 250 MHz ±5% (J) 21 @ 250 MHz 4000 0.200 600 PE-0402CD100KTG 10 @ 250 MHz ±5% (J) 21 @ 250 MHz 3900 0.195 480 PE-0402CD110KTG 11 @ 250 MHz ±5% (J) 26 @ 250 MHz 3680 0.120 640 PE-0402CD120KTG 12 @ 250 MHz ±5% (J) 26 @ 250 MHz 3600 0.120 640 PE-0402CD130KTG 13 @ 250 MHz ±5% (J) 26 @ 250 MHz 3450 0.210 600 PE-0402CD150KTG 15 @ 250 MHz ±5% (J) 26 @ 250 MHz 3280 0.172 560 PE-0402CD160KTG 16 @ 250 MHz ±5% (J) 26 @ 250 MHz 3100 0.220 560 PE-0402CD180KTG 18 @ 250 MHz ±5% (J) 26 @ 250 MHz 3100 0.230 520 PE-0402CD190KTG 19 @ 250 MHz ±5% (J) 26 @ 250 MHz 3040 0.202 480 PE-0402CD200KTG 20 @ 250 MHz ±5% (J) 26 @ 250 MHz 3000 0.250 480 PE-0402CD220KTG 22 @ 250 MHz ±5% (J) 26 @ 250 MHz 2800 0.300 400 PE-0402CD230KTG 23 @ 250 MHz ±5% (J) 26 @ 250 MHz 2720 0.214 400 PE-0402CD240KTG 24 @ 250 MHz ±5% (J) 26 @ 250 MHz 2700 0.300 400 PE-0402CD270KTG 27 @ 250 MHz ±5% (J) 26 @ 250 MHz 2480 0.298 400 PE-0402CD300KTG 30 @ 250 MHz ±5% (J) 25 @ 250 MHz 2350 0.300 350 PE-0402CD330KTG 33 @ 250 MHz ±5% (J) 24 @ 250 MHz 2350 0.350 350 PE-0402CD360KTG 36 @ 250 MHz ±5% (J) 26 @ 250 MHz 2320 0.403 320 PE-0402CD390KTG 39 @ 250 MHz ±5% (J) 25 @ 250 MHz 2100 0.550 320 PE-0402CD400KTG 40 @ 250 MHz ±5% (J) 26 @ 250 MHz 2240 0.438 320 PE-0402CD430KTG 43 @ 250 MHz ±5% (J) 25 @ 250 MHz 2030 0.810 240 PE-0402CD470KTG 47 @ 250 MHz ±5% (J) 20 @ 250 MHz 2100 0.830 100 PE-0402CD510KTG 51 @ 250 MHz ±5% (J) 25 @ 250 MHz 1750 0.820 100 PE-0402CD560KTG 56 @ 250 MHz ±5% (J) 22 @ 250 MHz 1750 0.970 100 PE-0402CD680KTG 68 @ 250 MHz ±5% (J) 18 @ 250 MHz 1840 0.970 100 PE-0402CD820KTG 82 @ 250 MHz ±5% (J) 16 @ 250 MHz 1680 1.250 100 PE-0402CD101KTG 100 @ 250 MHz ±5% (J) 16 @ 250 MHz 1620 2.600 100 PE-0402CD121KTG 120 @ 250 MHz ±5% (J) 14 @ 250 MHz 1520 2.700 90 Part Inductance Optional Q SRF RDC IDC Number (nH) Tolerance (MIN) (MHz MIN) ( Ω MAX) (mA MAX) ULTRA SMALL, ULTRA LOW PROFILE Surface Mount NOTE: Referenced part is Standard Tolerance, 10% (K). To order parts with optional tolerances, see the Part Number Ordering Guide on the last page of this section. RF CHIP INDUCTORS To select the right RF chip inductor for your application, please download the “Wirewound Chip Inductors Catalog" (WC701) from the Pulse website at www.pulseeng.com/rfandwireless. Sample kits are available upon request. The RF chip inductor part numbers shown in this section are RoHS compliant. No additional suffix or identifier is required. RF Chip Inductors |
Numéro de pièce similaire - PE-0603CDR10KTT |
|
Description similaire - PE-0603CDR10KTT |