Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSOS804A Fiches technique(PDF) 23 Page - Keysight Technologies

No de pièce MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Fiches technique(HTML) 23 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 19Page - Keysight Technologies MSOS804A Datasheet HTML 20Page - Keysight Technologies MSOS804A Datasheet HTML 21Page - Keysight Technologies MSOS804A Datasheet HTML 22Page - Keysight Technologies MSOS804A Datasheet HTML 23Page - Keysight Technologies MSOS804A Datasheet HTML 24Page - Keysight Technologies MSOS804A Datasheet HTML 25Page - Keysight Technologies MSOS804A Datasheet HTML 26Page - Keysight Technologies MSOS804A Datasheet HTML 27Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Dedicated single acquisition button provides better control
to capture a unique event
Pressing horizontal delay knob sets the delay to zero
Zoom button provides quick access to two screen-zoom
modes
Responsive deep memory allows you to pan and zoom
quickly
Autoscale lets you rapidly display any analog or digital
active signals, automatically setting the vertical, horizontal
and trigger controls for the best display, while optimizing
memory
Digital channel button provides quick setup access
Protocol decode button enables quick setup access
Dedicated per-channel front panel controls make it easy to
access the vertical and horizontal scaling and offset
Quick access to fine/course control by pressing the
horizontal and vertical sensitivity knobs
Built-in USB ports makes it easy to save your work and
update your system software quickly
AutoProbe interface automatically
configures the attenuation ratio of the
probe and provides probe power for
Keysight’s active probes
Gold-plated precision BNCs
deliver > 8 GHz bandwidth
through the connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42