Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSOS804A Fiches technique(PDF) 12 Page - Keysight Technologies

No de pièce MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Fiches technique(HTML) 12 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 8Page - Keysight Technologies MSOS804A Datasheet HTML 9Page - Keysight Technologies MSOS804A Datasheet HTML 10Page - Keysight Technologies MSOS804A Datasheet HTML 11Page - Keysight Technologies MSOS804A Datasheet HTML 12Page - Keysight Technologies MSOS804A Datasheet HTML 13Page - Keysight Technologies MSOS804A Datasheet HTML 14Page - Keysight Technologies MSOS804A Datasheet HTML 15Page - Keysight Technologies MSOS804A Datasheet HTML 16Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
12 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Personalized viewing
– Determine how much space to give to results versus wave-
forms using sliders
– Undock and move a window to an external monitor using the
tabbed layout
– Easily scale and see independent waveforms with user-
selectable 1, 2, 4, or even 16 simultaneous grids in each
waveform window
Oscilloscope Overview – User Interface
Faster and better documentation
– Quickly determine horizontal and vertical values as they are
prominently displayed
– Add annotations using bookmarks, measurement callouts,
and dynamic delta marker readouts
– Right-click to copy image without ever having to save to a file
– Use the multi-purpose button to save screen images easily
with auto-incrementing file names
– Quickly save all waveforms, memories, functions, and setups
in a single .osc file for later recall on an oscilloscope or PC
– Save screen images as .jpg, .png, .gif, or .tiff
Best usability, including touch screen
Extensive research testing led to several touch-screen
innovations not found in other oscilloscopes. All the following are
industry firsts.
– Click once to see handles that enable touch manipulation of
markers, trigger level, and waveform-tasks that previously
required a mouse
– Multi-touch support for multi-touch (gestures) such as
zooming and panning
– Auto-sizing when touch button is turned on/off optimizes
fields for fingers or a mouse
Infiniium oscilloscopes have been consistently recognized for high usability. The next-generation Infiniium user interface that ships
standard on S-Series oscilloscopes delivers even more capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42