| Moteur de recherche de fiches techniques de composants électroniques |
|
QL8050 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QL8050 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 49 page ![]() 4XLFN/RJLF &RUSRUDWLRQ ZZZTXLFNORJLFFRP (FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY % Preliminary 3URJUDPPDEOH:HDN3XOO'RZQ A programmable Weak Pull-Down resistor is available on each I/O. The I/O Weak Pull-Down eliminates the need for external pull down resistors for used I/Os. The spec for pull-down current is maximum of 150 µA under worst case condition. )LJXUH 3URJUDPPDEOH ,2 :HDN3XOO'RZQ &ORFN1HWZRUNV *OREDO &ORFNV There are a maximum of eight global clock networks in each Eclipse-II device. Global clocks can drive logic cells and I/O registers, ECUs, and RAM blocks in the device. All global clocks have access to a Quad Net (local clock network) connection with a programmable connection to the logic cell’s register clock input. I/O Output Logic PAD |