Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8247VRM Fiches technique(PDF) 49 Page - Motorola, Inc

No de pièce MPC8247VRM
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8247VRM Fiches technique(HTML) 49 Page - Motorola, Inc

Back Button MPC8247VRM Datasheet HTML 45Page - Motorola, Inc MPC8247VRM Datasheet HTML 46Page - Motorola, Inc MPC8247VRM Datasheet HTML 47Page - Motorola, Inc MPC8247VRM Datasheet HTML 48Page - Motorola, Inc MPC8247VRM Datasheet HTML 49Page - Motorola, Inc MPC8247VRM Datasheet HTML 50Page - Motorola, Inc MPC8247VRM Datasheet HTML 51Page - Motorola, Inc MPC8247VRM Datasheet HTML 52Page - Motorola, Inc MPC8247VRM Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
49
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
PC21/CLK11/BRGO6/CP_INT
L243
PC22/CLK10/DONE3
FCC1_UT_TXPRTY
L233
PC23/CLK9/BRGO5/DACK3/CD1
K243
PC24/CLK8/TIN3/TOUT4/DREQ2/BRGO1
K233
PC25/CLK7/BRGO4/DACK2/SPISEL
F263
PC26/CLK6/TOUT3/TMCLK
H233
PC27/CLK5/BRGO3/TOUT1
FCC1_UT_RXPRTY
K223
PC28/CLK4/TIN1/TOUT2/SPICLK
D253
PC29/CLK3/TIN2/BRGO2/CTS1
F243
PD7/SMSYN2
FCC1_UT_TXADDR3
AB213
PD14/I2CSCL
AC263
PD15/I2CSDA
Y233
PD16/SPIMISO
FCC1_UT_TXPRTY
AA253
PD17/BRGO2/SPIMOSI
FCC1_UT_RXPRTY
Y263
PD18/SPICLK
FCC1_UT_RXADDR4
W253
PD19/SPISEL/BRGO1
FCC1_UT_TXADDR4
V253
PD20/RTS4/L1RSYNCA2
R243
PD21/TXD4/L1RXD0A2
P233
PD22/RXD4/L1TXD0A2
N253
PD23/RTS3/USB_TP
K263
PD24/TXD3/USB_TN
K253
PD25/RXD3/USB_RXD
J253
PD29/RTS1
FCC1_UT_RXADDR3
C263
PD30/TXD1
E243
PD31/RXD1
B253
VCCSYN
C18
VCCSYN1
K6
CLKIN2
C21
No connect 4
D194, J34, AD24 5
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56