| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8247VRM Fiches technique(PDF) 42 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247VRM Fiches technique(HTML) 42 Page - Motorola, Inc |
|
42 / 56 page ![]() 42 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Pinout Pinout D12 P3 D13 M2 D14 J5 D15 G3 D16 AB3 D17 Y1 D18 T4 D19 T3 D20 P2 D21 M1 D22 J1 D23 G4 D24 AB2 D25 W4 D26 V2 D27 T1 D28 N5 D29 L1 D30 H1 D31 G5 D32 W5 D33 W2 D34 T5 D35 T2 D36 N1 D37 K3 D38 H2 D39 F1 D40 AA2 D41 W1 D42 U3 D43 R2 Table 19. Pinout (continued) Pin Name Ball MPC8272/MPC8248 and MPC8271/MPC8247 MPC8272/MPC8271 only Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |