Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8831 Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce PCF8831
Description  STN RGB - 160 output row driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8831 Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button PCF8831 Datasheet HTML 16Page - NXP Semiconductors PCF8831 Datasheet HTML 17Page - NXP Semiconductors PCF8831 Datasheet HTML 18Page - NXP Semiconductors PCF8831 Datasheet HTML 19Page - NXP Semiconductors PCF8831 Datasheet HTML 20Page - NXP Semiconductors PCF8831 Datasheet HTML 21Page - NXP Semiconductors PCF8831 Datasheet HTML 22Page - NXP Semiconductors PCF8831 Datasheet HTML 23Page - NXP Semiconductors PCF8831 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
2002 Aug 14
20
Philips Semiconductors
Preliminary specification
STN RGB - 160 output row driver
PCF8831
R1
160
+5941.0
−768.0
R0
161
+6016.0
−768.0
Dummy
162
+6155.0
−768.0
Dummy
163
6096.5
865.7
Dummy
164
6021.5
865.7
Dummy
165
5796.5
865.7
Dummy
166
5721.5
865.7
Dummy
167
5646.5
865.7
Dummy
168
5571.5
865.7
Dummy
169
5496.5
865.7
Dummy
170
5421.5
865.7
Dummy
171
5346.5
865.7
Dummy
172
5271.5
865.7
Dummy
173
5196.5
865.7
Dummy
174
5121.5
865.7
Dummy
175
5046.5
865.7
Dummy
176
4971.5
865.7
Dummy
177
4896.5
865.7
Dummy
178
4821.5
865.7
Dummy
179
4746.5
865.7
Dummy
180
4671.5
865.7
Dummy
181
4596.5
865.7
Dummy
182
4521.5
865.7
Dummy
183
4446.5
865.7
Dummy
184
3921.5
865.7
Dummy
185
3846.5
865.7
Dummy
186
3771.5
865.7
RCLK
187
3506.0
865.7
RP
188
3350.0
865.7
FI
189
3186.0
865.7
SVM
190
3030.0
865.7
ROWRES1
191
2866.0
865.7
ROWRES2
192
2710.0
865.7
R1F
193
2546.0
865.7
SW1
194
2214.0
865.7
SW2
195
2050.0
865.7
T1
196
1894.0
865.7
T2
197
1730.0
865.7
T3
198
1574.0
865.7
T4
199
1410.0
865.7
T5
200
1254.0
865.7
SYMBOL
PAD
x
y
VSS
201
1139.0
865.7
VSS
202
1064.0
865.7
VSS
203
989.0
865.7
VSS
204
865.0
865.7
VSS
205
790.0
865.7
VSS
206
661.5
865.7
VSS
207
586.5
865.7
VDD
208
326.7
865.7
VDD
209
251.7
865.7
VDD
210
176.7
865.7
VDD
211
101.7
865.7
VDD
212
26.7
865.7
VDD
213
−48.3
+865.7
VDD
214
−123.3
+865.7
VM
215
−882.9
+865.7
VM
216
−957.9
+865.7
VM
217
−1032.9
+865.7
VM
218
−1107.9
+865.7
VM
219
−1182.9
+865.7
VM
220
−1257.9
+865.7
VM
221
−1332.9
+865.7
VMH
222
−1630.7
+865.7
VMH
223
−1705.7
+865.7
VMH
224
−1780.7
+865.7
VMH
225
−1855.7
+865.7
VMH
226
−1930.7
+865.7
VMH
227
−2005.7
+865.7
VMH
228
−2080.7
+865.7
VH
229
−2334.3
+865.7
VH
230
−2409.3
+865.7
VH
231
−2484.3
+865.7
VH
232
−2559.3
+865.7
VH
233
−2634.3
+865.7
VH
234
−2709.3
+865.7
VH
235
−2784.3
+865.7
VL
236
−3013.5
+865.7
VL
237
−3088.5
+865.7
VL
238
−3163.5
+865.7
VL
239
−3238.5
+865.7
VL
240
−3313.5
+865.7
VL
241
−3388.5
+865.7
SYMBOL
PAD
x
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28