| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8831 Fiches technique(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8831 Fiches technique(HTML) 17 Page - NXP Semiconductors |
|
17 / 28 page ![]() 2002 Aug 14 17 Philips Semiconductors Preliminary specification STN RGB - 160 output row driver PCF8831 13 INTERNAL PROTECTION CIRCUITS handbook, full pagewidth MGW639 VH VMH VDD VM VSS VL VSS VDD VL VH R0 to R159 pads 161 to 2 VDD pads 208 to 214 VSS pads 201 to 207 VH pads 229 to 235 VM pads 215 to 221 VMH pads 222 to 228 VL pads 236 to 242 RCLK RP FI SVM ROWRES1 ROWRES2 R1F SW1 SW2 T1 T2 T3 T4 T5 pad 187 188 189 190 191 192 193 194 195 196 197 198 199 200 Fig.10 Protection circuit diagrams. Protection diode maximum forward current = 5 mA. |