| Moteur de recherche de fiches techniques de composants électroniques |
|
DS96F172MJ/883 Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F172MJ/883 Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 12 page ![]() MIL-STD-883C Switching Characteristics V CC = 5.0V Symbol Parameter Conditions T A = 25˚C T A = 55˚C T A = 125˚C Units Typ Max Max Max t DD Differential Output Delay Time R L =60Ω,CL = 15 pF, 15 22 30 30 ns t TD Differential Output Transition Time Figure 3 15 22 40 40 ns t PLH Propagation Delay Time, R L =27Ω,CL = 15 pF, 12 16 25 25 ns Low-to-High Level Output Figure 4 t PHL Propagation Delay Time, 12 16 25 25 ns High-to-Low Level Output t ZH Output Enable Time to High Level R L = 110Ω, Figure 5 25 32 40 40 ns t ZL Output Enable Time to Low Level R L = 110Ω, Figure 6 25 35 100 100 ns t HZ Output Disable Time from High Level R L = 110Ω, Figure 5, 25 30 80 80 ns Note 13 t LZ Output Disable Time from Low Level R L = 110Ω, Figure 6 20 25 40 40 ns t LZL Output Disable Time from Low Level Figure 6 300 ns with Load Resistor to GND (Note 12) t SKEW Driver Output to Output R L =60Ω 1.0 4.0 10 10 ns SMD Numbers: DS96F172MJ/883 5962-9076501MEA DS96F174MJ/883 5962-9076502MEA DS96F172ME/883 5962-9076501M2A DS96F174MW/883 5962-9076502MFA DS96F174ME/883 5962-9076502M2A Order Number: DS96F172MJ/883, DS96F174MJ/883 NS Package Number J16A DS96F172ME/883, DS96F174ME/883 NS Package Number E20A DS96F172MW-MIL, DS96F174MW/883 NS Package Number W16A For Complete Military Product Specifications, refer to the appropriate SMD or MDS. Parameter Measurement Information DS009625-3 FIGURE 1. Differential and Common Mode Output Voltage DS009625-13 FIGURE 2. Differential Output Voltage with Varying Common Mode Voltage www.national.com 5 |