Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS96F172MJ/883 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DS96F172MJ/883
Description  Quad Differential Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172MJ/883 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  DS96F172MJ/883 Datasheet HTML 1Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS96F172MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
COMMERCIAL
Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
DD
Differential Output Delay Time
R
L =60Ω, Figure 3
15
20
ns
t
TD
Differential Output Transition Time
15
22
ns
t
PLH
Propagation Delay Time,
R
L =27Ω, Figure 4
12
16
ns
Low-to-High Level Output
t
PHL
Propagation Delay Time,
12
16
ns
High-to-Low Level Output
t
ZH
Output Enable Time to High Level
R
L = 110Ω, FIgure 4
25
32
ns
t
ZL
Output Enable Time to Low Level
R
L = 110Ω, Figure 6
25
32
ns
t
HZ
Output Disable Time from High Level
R
L = 110Ω, Figure 5
25
30
ns
t
LZ
Output Disable Time from Low Level
R
L = 110Ω, Figure 6
20
25
ns
t
LZL
Output Disable Time from Low Level
Figure 6
300
ns
with Load Resistor to GND (Note 8)
t
SKEW
Driver Output to Output
R
L =60Ω
1.0
4.0
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +70˚C range for the DS96F172C/DS96F174C. All typicals are given for VCC = 5V and TA
= 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are reference to ground unless otherwise specified.
Note 5:
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level to a low level.
Note 6: In EIA-422A and EIA-485 standards, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage, VOS.
Note 7: Only one output at a time should be shorted.
Note 8: For more information see Application Bulletin, contact Product Marketing.
Order Number: DS96F172CN
DS96F174CJ
DS96F174CN
NS Package Number J16A or N16E
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12