Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8248CZQB Fiches technique(PDF) 18 Page - Motorola, Inc

No de pièce MPC8248CZQB
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CZQB Fiches technique(HTML) 18 Page - Motorola, Inc

Back Button MPC8248CZQB Datasheet HTML 14Page - Motorola, Inc MPC8248CZQB Datasheet HTML 15Page - Motorola, Inc MPC8248CZQB Datasheet HTML 16Page - Motorola, Inc MPC8248CZQB Datasheet HTML 17Page - Motorola, Inc MPC8248CZQB Datasheet HTML 18Page - Motorola, Inc MPC8248CZQB Datasheet HTML 19Page - Motorola, Inc MPC8248CZQB Datasheet HTML 20Page - Motorola, Inc MPC8248CZQB Datasheet HTML 21Page - Motorola, Inc MPC8248CZQB Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
18
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
AC Electrical Characteristics
AC Electrical Characteristics
Figure 7 shows TDM input and output signals.
Figure 7. TDM Signal Diagram
Figure 8 shows PIO and timer signals.
Figure 8. PIO and Timer Signal Diagram
Serial CLKin
TDM input signals
TDM output signals
sp20
sp21
sp40/sp41
Note: There are four possible TDM timing conditions:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.
Sys clk
PIO/IDMA/TIMER[TGATE assertion] input signals
IDMA output signals
sp22
sp23
sp42/sp43
TIMER(sp42/43)/ PIO(sp42a/sp43a)
sp42a/sp43a
output signals
sp42/sp43
TIMER input signal [TGATE deassertion]
sp22
sp23
Note: TGATE is asserted on the rising edge of the clock; it is deasserted on the falling edge.
(See note)
(See note)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56