Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8248CZQB Fiches technique(PDF) 42 Page - Motorola, Inc

No de pièce MPC8248CZQB
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CZQB Fiches technique(HTML) 42 Page - Motorola, Inc

Back Button MPC8248CZQB Datasheet HTML 38Page - Motorola, Inc MPC8248CZQB Datasheet HTML 39Page - Motorola, Inc MPC8248CZQB Datasheet HTML 40Page - Motorola, Inc MPC8248CZQB Datasheet HTML 41Page - Motorola, Inc MPC8248CZQB Datasheet HTML 42Page - Motorola, Inc MPC8248CZQB Datasheet HTML 43Page - Motorola, Inc MPC8248CZQB Datasheet HTML 44Page - Motorola, Inc MPC8248CZQB Datasheet HTML 45Page - Motorola, Inc MPC8248CZQB Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
42
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
D12
P3
D13
M2
D14
J5
D15
G3
D16
AB3
D17
Y1
D18
T4
D19
T3
D20
P2
D21
M1
D22
J1
D23
G4
D24
AB2
D25
W4
D26
V2
D27
T1
D28
N5
D29
L1
D30
H1
D31
G5
D32
W5
D33
W2
D34
T5
D35
T2
D36
N1
D37
K3
D38
H2
D39
F1
D40
AA2
D41
W1
D42
U3
D43
R2
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56