Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80 Fiches technique(PDF) 3 Page - CUI INC

No de pièce CFM-80
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

CFM-80 Fiches technique(HTML) 3 Page - CUI INC

  CFM-80 Datasheet HTML 1Page - CUI INC CFM-80 Datasheet HTML 2Page - CUI INC CFM-80 Datasheet HTML 3Page - CUI INC CFM-80 Datasheet HTML 4Page - CUI INC CFM-80 Datasheet HTML 5Page - CUI INC CFM-80 Datasheet HTML 6Page - CUI INC CFM-80 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 08/15/2016
│ page 3 of 7
CUI Inc
│ SERIES: CFM-80 │ DESCRIPTION: DC AXIAL FAN
0.12
0.09
0.07
0.05
0.02
0.00
0.00
0.23
0.45
0.68
0.91
1.13
(CMM)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0.00
10.00
20.00
30.00
40.00 (CFM)
0.18
0.14
0.11
0.07
0.04
0.00
0.00
0.28
0.57
0.85
1.13
1.42
(CMM)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
0.00
10.00
20.00
30.00
40.00
50.00 (CFM)
CFM-8010
CFM-8015
0.47
0.38
0.28
0.19
0.09
0.00
0.00
0.45
0.91
1.36
1.81
2.26
(CMM)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
0.00
20.00
40.00
60.00
80.00 (CFM)
CFM-8025
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
PERFORMANCE CURVES
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com