Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80 Fiches technique(PDF) 2 Page - CUI INC

No de pièce CFM-80
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

CFM-80 Fiches technique(HTML) 2 Page - CUI INC

  CFM-80 Datasheet HTML 1Page - CUI INC CFM-80 Datasheet HTML 2Page - CUI INC CFM-80 Datasheet HTML 3Page - CUI INC CFM-80 Datasheet HTML 4Page - CUI INC CFM-80 Datasheet HTML 5Page - CUI INC CFM-80 Datasheet HTML 6Page - CUI INC CFM-80 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 08/15/2016
│ page 2 of 7
CUI Inc
│ SERIES: CFM-80 │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 Vdc input models
24 Vdc input models
6
16
12
24
13.8
27.6
Vdc
Vdc
current
CFM-8010 models
CFM-8015 models
CFM-8025 models
CFM-8025 models
0.16
0.18
0.33
0.16
0.24
0.24
0.43
0.25
A
A
A
A
power
CFM-8010 models
CFM-8015 models
CFM-8025 models
CFM-8025 models
1.92
2.16
3.96
3.84
2.88
2.88
5.16
4.8
W
W
W
W
starting voltage
at 25°C
12 Vdc input models
24 Vdc input models
6
16
Vdc
Vdc
PERFORMANCE
parameter
conditions/description
min
typ
max
units
rated speed
at 25°C, after 10 minutes
CFM-8010 models
CFM-8015 models
CFM-8025 models
2,970
3,150
4,590
3,300
3,500
5,100
3,630
3,850
5,610
RPM
RPM
RPM
air flow
at 0 mm H
2O, see performance curves
CFM-8010 models
CFM-8015 models
CFM-8025 models
33.61
43.96
69.20
CFM
CFM
CFM
static pressure
at 0 CFM, see performance curves
CFM-8010 models
CFM-8015 models
CFM-8025 models
2.79
4.13
10.56
mm H
2O
mm H
2O
mm H
2O
noise
at 1 m
CFM-8010 models
CFM-8015 models
CFM-8025 models
36.0
38.0
45.5
38.2
39.8
47.0
dBA
dBA
dBA
PROTECTIONS / SIGNALS1
parameter
conditions/description
min
typ
max
units
auto restart protection
available on all models
rotation detector
available on “11” models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
1. See application notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between frame and
positive terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 55022:2010+AC:2011 Class B, EN 61000-3-
2:2014, EN 61000-3-3:2013, EN 55024:2010
life expectancy
at 45°C, 15~65% RH
70,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com