Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-50 Fiches technique(PDF) 2 Page - CUI INC

No de pièce CFM-50
Description  DC AXIAL FAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

CFM-50 Fiches technique(HTML) 2 Page - CUI INC

  CFM-50 Datasheet HTML 1Page - CUI INC CFM-50 Datasheet HTML 2Page - CUI INC CFM-50 Datasheet HTML 3Page - CUI INC CFM-50 Datasheet HTML 4Page - CUI INC CFM-50 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 08/15/2016
│ page 2 of 5
CUI Inc
│ SERIES: CFM-50 │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
4
6
5
12
5.75
13.8
Vdc
Vdc
current
5 Vdc input models
12 Vdc input models
0.21
0.11
0.28
0.14
A
A
power
5 Vdc input models
12 Vdc input models
1.05
1.32
1.4
1.68
W
W
starting voltage
at 25°C
5 Vdc input models
12 Vdc input models
4
6
Vdc
Vdc
PERFORMANCE
parameter
conditions/description
min
typ
max
units
rated speed
at 25°C, after 10 minutes
5,490
6,100
6,710
RPM
air flow
at 0 mm H
2O, see performance curves
16.07
CFM
static pressure
at 0 CFM, see performance curves
5.15
mm H
2O
noise
at 1 m
5 Vdc input models
12 Vdc input models
36.0
36.0
37.2
37.0
dBA
dBA
PROTECTIONS / SIGNALS1
parameter
conditions/description
min
typ
max
units
auto restart protection
available on all models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
1. See application notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between frame and
positive terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 55022:2010+AC:2011 Class B, EN 61000-3-
2:2014, EN 61000-3-3:2013, EN 55024:2010
life expectancy
at 45°C, 15~65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com