Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC87591L Fiches technique(PDF) 189 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Fiches technique(HTML) 189 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 185Page - National Semiconductor (TI) PC87591L Datasheet HTML 186Page - National Semiconductor (TI) PC87591L Datasheet HTML 187Page - National Semiconductor (TI) PC87591L Datasheet HTML 188Page - National Semiconductor (TI) PC87591L Datasheet HTML 189Page - National Semiconductor (TI) PC87591L Datasheet HTML 190Page - National Semiconductor (TI) PC87591L Datasheet HTML 191Page - National Semiconductor (TI) PC87591L Datasheet HTML 192Page - National Semiconductor (TI) PC87591L Datasheet HTML 193Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
189
www.national.com
Twisted Pair and Shielded Cables
For remote sensor distances longer than 8 inches or in particularly noisy environments, a twisted pair cable is recommended.
Its practical length is 6 feet to 12 feet (typical) before noise becomes a problem, as tested in a noisy electronics laboratory.
For longer distances, the best solution is a shielded twisted pair such as that used for audio microphones. Connect the twist-
ed pair to DP and DN and the shield to AGND close to the PC87591x, and leave the remote end of the shield unterminated.
For very long cable runs, the cable parasitic capacitance adds a delay to the Temperature Channel. You should add the
cable capacitance to the value of the CD (see “Calculating the Temperature Channel Delay” on page 188) and correct the
delay setting accordingly.
Cable resistance also affects remote sensor accuracy. A 1
Ω series resistance introduces about +1.0˚C to +0.5˚C error.
AGND
10 mil
Minimum
10 mil
10 mil
10 mil
DP
DN
AGND
Figure 65. DP and DN, PCB Traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More