Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF88332DA Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 23Page - NXP Semiconductors PCF88332DA Datasheet HTML 24Page - NXP Semiconductors PCF88332DA Datasheet HTML 25Page - NXP Semiconductors PCF88332DA Datasheet HTML 26Page - NXP Semiconductors PCF88332DA Datasheet HTML 27Page - NXP Semiconductors PCF88332DA Datasheet HTML 28Page - NXP Semiconductors PCF88332DA Datasheet HTML 29Page - NXP Semiconductors PCF88332DA Datasheet HTML 30Page - NXP Semiconductors PCF88332DA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
2003 Feb 14
27
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.19
COLUMN ADDRESS SET
The display data RAM parameters xs and xe define the column address range of the display data RAM for writing data.
Parameters xs and xe are defined between 0 and 131 (83H), and xs must be smaller then xe.
Table 29 Column address set register bits
6.2.20
PAGE ADDRESS SET
The display data RAM parameters ys[7:0] and ye[7:0] define the page (row) address range of the display data RAM for
writing data. Parameters ys and ye are defined between 0 and 131 (83H), and ys must be smaller then ye.
Table 30 Page address set register bits
6.2.21
MEMORY WRITE
Data written to the display memory (RAM) is validated by the Memory write (RAMWR) command. Entering this command
always returns the page address and column address to the start addresses xs[7:0] and ys[7:0] respectively. Content of
the display data RAM is written by the data entered following this command, with the page and/or column address
automatically incremented. The data Write mode turned on by this command can be automatically cancelled by entering
another command.
After a power-up the display RAM content is undefined. Neither a hardware reset nor a software reset changes the data
stored in display RAM. Sending display data must stop 160 ns before issuing a hardware reset, otherwise the last word
written to the display RAM may be corrupted.
Table 31 Memory write register bits
D/C
76543210
DEFAULT
000101010
2AH
1
xs[7]
xs[6]
xs[5]
xs[4]
xs[3]
xs[3]
xs[3]
xs[0]
02H
1
xe[7]
xe[6]
xe[5]
xe[4]
xe[3]
xe[2]
xe[1]
xe[0]
81H
D/C
76543210
DEFAULT
000111011
2BH
1
ys[7]
ys[6]
ys[5]
ys[4]
ys[3]
ys[3]
ys[3]
ys[0]
02H
1
ye[7]
ye[6]
ye[5]
ye[4]
ye[3]
ye[2]
ye[1]
ye[0]
81H
D/C
76543210
DEFAULT
000101101
2CH
1
D7D6D5D4D3D2D1D0
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More