Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF88332DA Fiches technique(PDF) 26 Page - NXP Semiconductors

No de pièce PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Fiches technique(HTML) 26 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 22Page - NXP Semiconductors PCF88332DA Datasheet HTML 23Page - NXP Semiconductors PCF88332DA Datasheet HTML 24Page - NXP Semiconductors PCF88332DA Datasheet HTML 25Page - NXP Semiconductors PCF88332DA Datasheet HTML 26Page - NXP Semiconductors PCF88332DA Datasheet HTML 27Page - NXP Semiconductors PCF88332DA Datasheet HTML 28Page - NXP Semiconductors PCF88332DA Datasheet HTML 29Page - NXP Semiconductors PCF88332DA Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
2003 Feb 14
26
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 28 Display on register bits
D/C
76543210
DEFAULT
000101001
29H
handbook, full pagewidth
MGU916
Sleep_OUT
display on
booster on
display off
Initial state
Booster off
send DISPOFF
D31 = 0(2)
booster off
send BSTROFF(1)
booster on
Booster on
send BSTRON
display on
wait for D31 bit
send DISPON
D31 = 1
D31 = 0
Fig.7 Recommendation for using commands BSTRON/BSTROFF in combination with DISPON/DISPOFF.
(1) When an external VLCD is applied, BSTROFF needs to be sent after reset (default = booster on). The setting of Display
mode (Partial mode, Scroll mode, etc.) is not affected by sending DISPON/DISPOFF.
(2) D31 is the booster voltage status bit; see Section 6.2.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More