Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP14A0153 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Fiches technique(HTML) 2 Page - Microchip Technology

  MCP14A0153_15 Datasheet HTML 1Page - Microchip Technology MCP14A0153_15 Datasheet HTML 2Page - Microchip Technology MCP14A0153_15 Datasheet HTML 3Page - Microchip Technology MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP14A0153/4/5
DS20005470A-page 2
 2015 Microchip Technology Inc.
Functional Block Diagram
Noninverting
Enable
Input
VDD
Output
Inverting
VREF
VREF
VDD
GND
Internal
Pull-Up
GND
MCP14A0153
Dual Inverting
MCP14A0154
Dual Noninverting
MCP14A0155
One Inverting, One Noninverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30