Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP14A0153 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 10Page - Microchip Technology MCP14A0153_15 Datasheet HTML 11Page - Microchip Technology MCP14A0153_15 Datasheet HTML 12Page - Microchip Technology MCP14A0153_15 Datasheet HTML 13Page - Microchip Technology MCP14A0153_15 Datasheet HTML 14Page - Microchip Technology MCP14A0153_15 Datasheet HTML 15Page - Microchip Technology MCP14A0153_15 Datasheet HTML 16Page - Microchip Technology MCP14A0153_15 Datasheet HTML 17Page - Microchip Technology MCP14A0153_15 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP14A0153/4/5
DS20005470A-page 14
 2015 Microchip Technology Inc.
4.6.3
OPERATING POWER DISSIPATION
The operating power dissipation occurs each time the
MOSFET driver output transitions because, for a very
short period of time, both MOSFETs in the output stage
are on simultaneously. This crossover current leads to
a power dissipation described in Equation 4-4.
EQUATION 4-4:
P
CC
V
DD
I
CO
=
Where:
ICO
=
Crossover current
VDD
=
MOSFET driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30