Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2035 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 13Page - Microchip Technology MCP2035 Datasheet HTML 14Page - Microchip Technology MCP2035 Datasheet HTML 15Page - Microchip Technology MCP2035 Datasheet HTML 16Page - Microchip Technology MCP2035 Datasheet HTML 17Page - Microchip Technology MCP2035 Datasheet HTML 18Page - Microchip Technology MCP2035 Datasheet HTML 19Page - Microchip Technology MCP2035 Datasheet HTML 20Page - Microchip Technology MCP2035 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 17
MCP2035
FIGURE 2-19:
ALERT Output Example: With 32 ms Alarm Timer Timed Out.
Note:
The 32 ms Alarm Timer is enabled only if the Output Enable Filter is enabled.
Ch3 is the input signal with incorrect Output Enable Filter timing.
Ch1 is the demodulated LFDATA output. No output since the input filter is not matched.
Ch2 is the ALERT output.
The output shows that the logic level changes after 32 ms from the AGC initialization time (TAGC) if the input signal
does not meet the programmed filter timing requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68