| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2035 Fiches technique(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2035 Fiches technique(HTML) 59 Page - Microchip Technology |
|
59 / 68 page ![]() 2012 Microchip Technology Inc. DS22304A-page 59 MCP2035 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 14-Lead TSSOP Example YYWW NNN XXXXXXXX 2035I 1217 256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |