| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS570LS0232PZ Fiches technique(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS570LS0232PZ Fiches technique(HTML) 56 Page - Texas Instruments |
|
56 / 109 page ![]() TMS570LS0232 SPNS242A – OCTOBER 2014 – REVISED JUNE 2015 www.ti.com Table 6-24. Interrupt Request Assignments (continued) DEFAULT VIM MODULES INTERRUPT SOURCES INTERRUPT CHANNEL MIBSPI1 MIBSPI1 level 1 interrupt 26 LIN LIN level 1 interrupt 27 MIBADC MIBADC sw group 2 interrupt 28 DCAN1 DCAN1 level 1 interrupt 29 SPI2 SPI2 level 1 interrupt 30 MIBADC MIBADC magnitude compare interrupt 31 Reserved Reserved 32-34 DCAN2 DCAN2 level 0 interrupt 35 Reserved Reserved 36 SPI3 SPI3 level 0 interrupt 37 SPI3 SPI3 level 1 interrupt 38 Reserved Reserved 39-41 DCAN2 DCAN2 level 1 interrupt 42 Reserved Reserved 43-60 FMC FSM_DONE interrupt 61 Reserved Reserved 62-79 HWAG HWA_INT_REQ_H 80 Reserved Reserved 81 DCC DCC done interrupt 82 Reserved Reserved 83 eQEPINTn eQEP Interrupt 84 PBIST PBIST Done Interrupt 85 Reserved Reserved 86-87 HWAG HWA_INT_REQ_L 88 Reserved Reserved 89-95 NOTE Address location 0x00000000 in the VIM RAM is reserved for the phantom interrupt ISR entry; therefore only request channels 0..94 can be used and are offset by 1 address in the VIM RAM. 56 System Information and Electrical Specifications Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS570LS0232 |