| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS570LS0232PZ Fiches technique(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS570LS0232PZ Fiches technique(HTML) 46 Page - Texas Instruments |
|
46 / 109 page ![]() TMS570LS0232 SPNS242A – OCTOBER 2014 – REVISED JUNE 2015 www.ti.com Table 6-17. Device Memory Map (continued) ADDRESS RANGE RESPONSE FOR ACCESS TO FRAME CHIP FRAME ACTUAL MODULE NAME UNIMPLEMENTED LOCATIONS IN SELECT SIZE SIZE START END FRAME Wrap around for accesses to unimplemented address offsets lower N2HET RAM PCS[35] 0xFF46_0000 0xFF47_FFFF 128KB 16KB than 0x3FFF. Abort generated for accesses beyond 0x3FFF. HTU RAM PCS[39] 0xFF4E_0000 0xFF4F_FFFF 128KB 1KB Abort Debug Components CoreSight Debug Reads return zeros, writes have no CSCS0 0xFFA0_0000 0xFFA0_0FFF 4KB 4KB ROM effect Reads return zeros, writes have no Cortex-R4 Debug CSCS1 0xFFA0_1000 0xFFA0_1FFF 4KB 4KB effect Peripheral Control Registers Reads return zeros, writes have no HTU PS[22] 0xFFF7_A400 0xFFF7_A4FF 256B 256B effect Reads return zeros, writes have no N2HET PS[17] 0xFFF7_B800 0xFFF7_B8FF 256B 256B effect Reads return zeros, writes have no GIO PS[16] 0xFFF7_BC00 0xFFF7_BCFF 256B 256B effect Reads return zeros, writes have no MIBADC PS[15] 0xFFF7_C000 0xFFF7_C1FF 512B 512B effect Reads return zeros, writes have no DCAN1 PS[8] 0xFFF7_DC00 0xFFF7_DDFF 512B 512B effect Reads return zeros, writes have no DCAN2 PS[8] 0xFFF7_DE00 0xFFF7_DFFF 512B 512B effect Reads return zeros, writes have no LIN PS[6] 0xFFF7_E400 0xFFF7_E4FF 256B 256B effect Reads return zeros, writes have no MibSPI1 PS[2] 0xFFF7_F400 0xFFF7_F5FF 512B 512B effect Reads return zeros, writes have no SPI2 PS[2] 0xFFF7_F600 0xFFF7_F7FF 512B 512B effect Reads return zeros, writes have no SPI3 PS[1] 0xFFF7_F800 0xFFF7_F9FF 512B 512B effect Reads return zeros, writes have no EQEP PS[25] 0xFFF7_9900 0xFFF7_99FF 256B 256B effect Reads return zeros, writes have no EQEP (Mirrored) PS2[25] 0xFCF7_9900 0xFCF7_99FF 256B 256B effect System Modules Control Registers and Memories Wrap around for accesses to unimplemented address offsets lower VIM RAM PPCS2 0xFFF8_2000 0xFFF8_2FFF 4KB 1KB than 0x3FF. Accesses beyond 0x3FF will be ignored. Flash Wrapper PPCS7 0xFFF8_7000 0xFFF8_7FFF 4KB 4KB Abort eFuse Farm PPCS12 0xFFF8_C000 0xFFF8_CFFF 4KB 4KB Abort Controller Reads return zeros, writes have no PCR registers PPS0 0xFFFF_E000 0xFFFF_E0FF 256B 256B effect System Module - Reads return zeros, writes have no Frame 2 (see PPS0 0xFFFF_E100 0xFFFF_E1FF 256B 256B effect device TRM) Reads return zeros, writes have no PBIST PPS1 0xFFFF_E400 0xFFFF_E5FF 512B 512B effect Reads return zeros, writes have no STC PPS1 0xFFFF_E600 0xFFFF_E6FF 256B 256B effect IOMM Generates address error interrupt if Multiplexing PPS2 0xFFFF_EA00 0xFFFF_EBFF 512B 512B enabled. control module 46 System Information and Electrical Specifications Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS570LS0232 |