Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1003AI2 Fiches technique(PDF) 4 Page - Micrel Semiconductor

No de pièce DSC1003AI2
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1003AI2 Fiches technique(HTML) 4 Page - Micrel Semiconductor

  DSC1003AI2 Datasheet HTML 1Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 2Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 3Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 4Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 5Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 6Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 4
MK-Q-B-P-D-083010-01-4
DSC1003
1.8~3.3V
Low-Power Precision Oscillator
Output Waveform
Standby Function
Standby#
(pin 1)
Output
(pin 3)
Hi Level
Output ON
Open
(no connect)
Output ON
Low Level
High Impedance
Test Circuit
0.01uF
VDD
25pF
IDD
*VSD
4
1
2
3
*VSD = Standby# Logic Level Input
VOH
VOL
VIL
1/fo
Output
Standby#
tDA
tEN
tF
tR
VIH



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com