Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1003AI2 Fiches technique(PDF) 6 Page - Micrel Semiconductor

No de pièce DSC1003AI2
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1003AI2 Fiches technique(HTML) 6 Page - Micrel Semiconductor

  DSC1003AI2 Datasheet HTML 1Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 2Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 3Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 4Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 5Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 6Page - Micrel Semiconductor DSC1003AI2 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 6
MK-Q-B-P-D-083010-01-4
DSC1003
1.8~3.3V
Low-Power Precision Oscillator
5.0 x 3.2 mm Plastic Package
3.2 x 2.5 mm Plastic Package
Pin Terminal
VDD
Standby#
Output
GND
#1
#2
#3
#4
5±0.10 [0.197±0.004]
3.2±0.10 [0.126±0.004]
External Dimensions
#4
#3
2.54 [0.100]
#2
#1
0.9 [0.035]
1.2 [0.047]
0.85±0.05 [0.033±0.002]
Recommended Land Pattern
1.1 [0.043]
1.2 [0.047]
2.54 [0.100]
units: mm [inch]
No.
4
1
3
2
0.2 [0.008]
0.1 [0.004]
2.1 [0.083]
1.2 [0.047]
0.1 [0.004]
Pin Terminal
VDD
Standby#
Output
GND
0.85±0.05 [0.033±0.002]
Recommended Land Pattern
#1
#2
#3
#4
3.2±0.05 [0.126±0.002]
2.5±0.05 [0.098±0.002]
#4
#3
#2
#1
0.8±0.1 [0.031±0.004]
0.9±0.05 [0.035±0.002]
CO.25
1.0 [0.039]
0.9 [0.035]
2.1 [0.083]
No.
4
1
3
2
2.1 [0.083]
External Dimensions
units: mm [inch]
0.9 [.035]
0.9 [0.035]
0.2 [0.008]



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com