Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CL325 Fiches technique(PDF) 5 Page - Supertex, Inc

No de pièce CL325
Description  3-Channel 25mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL325 Fiches technique(HTML) 5 Page - Supertex, Inc

  CL325_08 Datasheet HTML 1Page - Supertex, Inc CL325_08 Datasheet HTML 2Page - Supertex, Inc CL325_08 Datasheet HTML 3Page - Supertex, Inc CL325_08 Datasheet HTML 4Page - Supertex, Inc CL325_08 Datasheet HTML 5Page - Supertex, Inc CL325_08 Datasheet HTML 6Page - Supertex, Inc CL325_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
CL325
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Lowering CL325 Power Dissipation: Separate V
IN Supply
EN1
EN2
EN3
OUT1
OUT2
OUT3
GND
VDD
CL325
REG
VIN
Host
Controller
1
2
3
8
7
6
5
4
CIN
100nF
VIN
VLL
CL325 power dissipation may be lowered by supplying the CL325 from a voltage source (V
IN) that is lower in voltage than
the LED supply (V
LL).
Lowering CL325 Power Dissipation: Dropping Resistor
EN1
EN2
EN3
OUT1
OUT2
OUT3
GND
VDD
CL325
REG
VIN
Host
Controller
1
2
3
8
7
6
5
4
VLL
RDROP
RDROP < VLL(MIN) - 6.5V
2.3mA
where: RDROP = Dropping resistance
VLL(MIN) = minimum supply voltage
CIN
100nF



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com