Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CL325 Fiches technique(PDF) 4 Page - Supertex, Inc

No de pièce CL325
Description  3-Channel 25mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL325 Fiches technique(HTML) 4 Page - Supertex, Inc

  CL325_08 Datasheet HTML 1Page - Supertex, Inc CL325_08 Datasheet HTML 2Page - Supertex, Inc CL325_08 Datasheet HTML 3Page - Supertex, Inc CL325_08 Datasheet HTML 4Page - Supertex, Inc CL325_08 Datasheet HTML 5Page - Supertex, Inc CL325_08 Datasheet HTML 6Page - Supertex, Inc CL325_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CL325
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Load Regulation
0
5
10
15
20
40
60
80
100
scale change
0
0.20
0.40
0.60
0.80
1.00
1.20
VOUT (V)
Recommended PCB Layout
Underside plate soldered
to copper area
Exposed copper area
may be plated
1cm2 exposed copper
1cm2 exposed copper
Higher LED Current
EN1
EN2
EN3
OUT1
OUT2
OUT3
GND
VDD
VLL
CL325
REG
VIN
Host
Controller
1
2
3
8
7
6
5
4
CIN
100nF
By paralleling outputs, higher LED currents can be achieved. In addition, linear dimming in 3 discrete steps may be obtained
by enabling 1, 2, or 3 outputs.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com