Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1001AI1 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce DSC1001AI1
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001AI1 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  DSC1001AI1 Datasheet HTML 1Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 2Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 3Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 4Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 5Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 6Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
Absolute Maximum Ratings1
Item
Min
Max
Unit
Condition
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40 sec max.
ESD
HBM
MM
CDM
-
4000
200
1500
V
Ordering Code
Recommended Operating Conditions
Specifications (VDD = 1.8 to 3.3v) TA=850C unless otherwise specified
Parameter
Symbol
Range
Supply Voltage
VDD
1.7 – 3.6V
Output Load
ZL
R>10KΩ, C≤15pF
Operating Temperature
Option 1
Option 2
Option 3
Option 4
T
-40 to +105 °C
-40 to +85 °C
-20 to +70 °C
0 to +70 °C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency
f0
Single Frequency
1
150
MHz
Frequency Tolerance
Δf
Includes frequency
variations due to initial
tolerance, temperature
and power supply voltage
±10,±25,±50
ppm
Aging
Δf1
First year @25°C
-5
+5
ppm
Δf2
Per year after 1st year
@25°C
-1
+1
ppm
Supply Current, standby
IDD
T=25°C
15
uA
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
-4mA
4mA
0.8*VDD
-
-
0.2*VDD
Volts
Startup Time2
tSU
90% VDD to stable clock
output
1.0
1.5
ms
Output Disable Time
tDA
See Output Waveform for
more detail
20
100
ns
Output Enable Time2
tEN
See Output Waveform for
more detail
1.0
1.5
ms
Output Duty Cycle
SYM
45
55
%
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75*VDD
-
-
0.25* VDD
Volts
DSC1001
032.0000
Family
Output Freq
1.0 to 150MHz
CE1
Package, Temp
& Stability
-
T
Tape/
Reel
* See Ordering Information for details



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com