Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1001AI1 Fiches technique(PDF) 6 Page - Micrel Semiconductor

No de pièce DSC1001AI1
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001AI1 Fiches technique(HTML) 6 Page - Micrel Semiconductor

  DSC1001AI1 Datasheet HTML 1Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 2Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 3Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 4Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 5Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 6Page - Micrel Semiconductor DSC1001AI1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
Board Layout (recommended)
Solder Reflow Profile
Package Dimensions
7.0 x 5.0 mm Plastic Package
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/Sec Max.
Preheat Time 150°C to 200°C
60-180 Sec
Time maintained above 217°C
60-150 Sec
Peak Temperature
255-260°C
Time within 5°C of actual Peak
20-40 Sec
Ramp-Down Rate
6°C/Sec Max.
Time 25°C to Peak Temperature
8 min Max.
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
Pin Terminal
VDD
Standby#
Output
GND
#1
#2
#3
#4
7.0±0.10 [0.276±0.004]
5.0±0.10 [0.197±0.004]
External Dimensions
#4
#3
5.08 [0.2]
#2
#1
1.2 [0.047]
1.4 [0.055]
0.85±0.05 [0.033±0.002]
Recommended Land Pattern*
1.4 [0.055]
1.4 [0.055]
5.08 [0.200]
units: mm [inch]
No.
4
1
3
2
0.2 [0.008]
2.6 [0.102]
2.6 [0.102]
0.2 [0.008]
2.2 [0.087]
3.5 [0.138]
o o
o o
o o
0.2 [0.008]
*Note: The center pad is not connected
internally and should be left un-
connected or tied to GND.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com