Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM63 Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Fiches technique(HTML) 49 Page - Microchip Technology

Back Button BM63 Datasheet HTML 45Page - Microchip Technology BM63 Datasheet HTML 46Page - Microchip Technology BM63 Datasheet HTML 47Page - Microchip Technology BM63 Datasheet HTML 48Page - Microchip Technology BM63 Datasheet HTML 49Page - Microchip Technology BM63 Datasheet HTML 50Page - Microchip Technology BM63 Datasheet HTML 51Page - Microchip Technology BM63 Datasheet HTML 52Page - Microchip Technology BM63 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 49
BM63
10.0
ORDERING INFORMATION
Table 10-1 provides the ordering information of the
BM63 module.
Note:
The BM63 module can be purchased through a Microchip representative. Go to Microchip website
www.microchip.com/ for the current pricing and a list of distributors for the product.
TABLE 10-1:
ORDERING INFORMATION
Module
Microchip IC
Description
Part No
BM63
IS2063GM
Bluetooth 4.2 Stereo Audio with BLE, I2S, Flash, Class 2,
no shield, built-in antenna
BM63SPKA1MC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56