| Moteur de recherche de fiches techniques de composants électroniques |
|
BM63 Fiches technique(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM63 Fiches technique(HTML) 26 Page - Microchip Technology |
|
26 / 56 page ![]() BM63 DS60001431A-Page 26 Advance Information 2016 Microchip Technology Inc. Figure 5-9 illustrates the configuration and firmware programming interface on the BM63 module. It is recommended to include a header pin on the main PCB for development. FIGURE 5-9: EXTERNAL PROGRAMMING HEADER CONNECTIONS Configuration and firmware programming modes are entered according to the system configuration I/O pins. Table 5-1 provides the system configuration settings. The P2_0, P2_4 and EAN pins have internal pull up. TABLE 5-1: SYSTEM CONFIGURATION SETTINGS P2_0 P2_4 EAN Operating Mode High High Low (Flash), High (ROM) APP mode (Normal operation) Low High Low (Flash), High (ROM) Test mode (Write EEPROM) Low Low High Write Flash |