Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1203 Fiches technique(PDF) 41 Page - Microchip Technology

No de pièce CAP1203
Description  3-Channel Capacitive Touch Sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1203 Fiches technique(HTML) 41 Page - Microchip Technology

Back Button CAP1203 Datasheet HTML 37Page - Microchip Technology CAP1203 Datasheet HTML 38Page - Microchip Technology CAP1203 Datasheet HTML 39Page - Microchip Technology CAP1203 Datasheet HTML 40Page - Microchip Technology CAP1203 Datasheet HTML 41Page - Microchip Technology CAP1203 Datasheet HTML 42Page - Microchip Technology CAP1203 Datasheet HTML 43Page - Microchip Technology CAP1203 Datasheet HTML 44Page - Microchip Technology CAP1203 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
 2013-2015 Microchip Technology Inc.
DS00001572B-page 41
Bits 1 - 0 - STBY_CY_TIME[2:0] - Determines the desired sensing cycle time for sensor inputs enabled during Standby,
as shown in Table 5-39. All enabled channels are sampled at the beginning of the sensing cycle. If additional time is
remaining, the device is placed into a lower power state for the remainder of the sensing cycle.
APPLICATION NOTE: The programmed sensing cycle time (STDBY_CY_TIME[1:0] is only maintained if the actual
time to take the samples is less than the programmed cycle time. The STBY_AVG[2:0] bits
will take priority, so the sensing cycle time will be extended as necessary to accommodate
the number of samples to be measured.
5.22
Standby Sensitivity Register
The Standby Sensitivity register controls the sensitivity for sensor inputs enabled in Standby.
Bits 2 - 0 - STBY_SENSE[2:0] - Controls the sensitivity for sensor inputs that are enabled in Standby. The sensitivity
settings act to scale the relative delta count value higher or lower based on the system parameters. A setting of 000b is
the most sensitive while a setting of 111b is the least sensitive. At the more sensitive settings, touches are detected for
a smaller delta capacitance corresponding to a “lighter” touch. These settings are more sensitive to noise, however, and
a noisy environment may flag more false touches than higher sensitivity levels.
TABLE 5-38:
STBY_SAMP_TIME BIT DECODE
STBY_SAMP_TIME[1:0]
Sampling Time
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
TABLE 5-39:
STBY_CY_TIME BIT DECODE
STBY_CY_TIME[1:0]
Programmed Sensing Cycle Time
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
TABLE 5-40:
STANDBY SENSITIVITY REGISTER
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
42h
R/W
Standby
Sensitivity
-
-
-
-
-
STBY_SENSE[2:0]
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59