Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC921 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce P89LPC921
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC921 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC921 Datasheet HTML 5Page - NXP Semiconductors P89LPC921 Datasheet HTML 6Page - NXP Semiconductors P89LPC921 Datasheet HTML 7Page - NXP Semiconductors P89LPC921 Datasheet HTML 8Page - NXP Semiconductors P89LPC921 Datasheet HTML 9Page - NXP Semiconductors P89LPC921 Datasheet HTML 10Page - NXP Semiconductors P89LPC921 Datasheet HTML 11Page - NXP Semiconductors P89LPC921 Datasheet HTML 12Page - NXP Semiconductors P89LPC921 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
9 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.
Special function registers
Remark: Special Function Registers (SFRs) accesses are restricted in the following
ways:
• User must not attempt to access any SFR locations not defined.
• Accesses to any defined SFR locations must be strictly for the functions for the
SFRs.
• SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows:
– ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value
when read (even if it was written with ‘0’). It is a reserved bit and may be used in
future derivatives.
– ‘0’ must be written with ‘0’, and will return a ‘0’ when read.
– ‘1’ must be written with ‘1’, and will return a ‘1’ when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45