Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC921 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce P89LPC921
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC921 Fiches technique(HTML) 4 Page - NXP Semiconductors

  P89LPC921 Datasheet HTML 1Page - NXP Semiconductors P89LPC921 Datasheet HTML 2Page - NXP Semiconductors P89LPC921 Datasheet HTML 3Page - NXP Semiconductors P89LPC921 Datasheet HTML 4Page - NXP Semiconductors P89LPC921 Datasheet HTML 5Page - NXP Semiconductors P89LPC921 Datasheet HTML 6Page - NXP Semiconductors P89LPC921 Datasheet HTML 7Page - NXP Semiconductors P89LPC921 Datasheet HTML 8Page - NXP Semiconductors P89LPC921 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
4 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
4.
Block diagram
Fig 1.
Block diagram.
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
2 kB/4 kB/8 kB
CODE FLASH
256-BYTE
DATA RAM
PORT 3
CONFIGURABLE I/Os
PORT 1
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
CLOCK
CONFIGURABLE
OSCILLATOR
ON-CHIP
RC
OSCILLATOR
INTERNAL BUS
CRYSTAL
OR
RESONATOR
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
002aaa410
UART
REAL-TIME CLOCK/
SYSTEM TIMER
I2C
TIMER 0
TIMER 1
WATCHDOG TIMER
AND OSCILLATOR
ANALOG
COMPARATORS
P89LPC920/921/922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45