Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

11AA02UIDT-I/SN Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce 11AA02UIDT-I/SN
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UIDT-I/SN Fiches technique(HTML) 18 Page - Microchip Technology

Back Button 11AA02UIDT-I/SN Datasheet HTML 14Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 15Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 16Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 17Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 18Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 19Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 20Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 21Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
11AA02UID
DS20005206A-page 18
 2013 Microchip Technology Inc.
8.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
PIN FUNCTION TABLE
8.1
Serial Clock, Data Input/Output
(SCIO)
SCIO is a bidirectional pin used to transfer commands
and addresses into, as well as data into and out of, the
device. The serial clock is embedded into the data
stream through Manchester encoding. Each bit is
represented by a signal transition at the middle of the
bit period.
Name
3-pin SOT-23
8-pin SOIC
Description
SCIO
1
5
Serial Clock, Data Input/Output
VCC
2
8
Supply Voltage
VSS
3
4
Ground
NC
—
1,2,3,6,7
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32