Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

11AA02UIDT-I/SN Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce 11AA02UIDT-I/SN
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UIDT-I/SN Fiches technique(HTML) 17 Page - Microchip Technology

Back Button 11AA02UIDT-I/SN Datasheet HTML 13Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 14Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 15Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 16Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 17Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 18Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 19Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 20Page - Microchip Technology 11AA02UIDT-I/SN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 17
11AA02UID
7.0
PREPROGRAMMED UNIQUE
32-BIT SERIAL NUMBER
The 11AA02UID is programmed at the factory with a
unique 32-bit serial number stored in the upper 1/4 of
the array and write-protected through the STATUS
register. The remaining 1,536 bits are available for
application use.
FIGURE 7-1:
MEMORY ORGANIZATION
The 4-byte serial number is stored in array locations
0xFC through 0xFF, as shown in Figure 7-2.
7.1
Manufacturer and Device Codes
In addition to the serial number, a manufacturer code is
stored at location 0xFA and a device identifier is stored
at 0xFB. The manufacturer code is fixed as 0x29. For
the 11AA02UID, the device identifier is ‘0x11’. The first
‘1’ indicates the UNI/O® bus family and the second ‘1’
indicates a 2 Kbit memory density.
7.2
Factory-Programmed Write
Protection
In order to help guard against accidental corruption of
the serial number, the BP1 and BP0 bits of the STATUS
register are programmed at the factory to ‘0’ and ‘1’,
respectively, as shown in the following table:
This protects the upper 1/4 of the array (0xC0 to 0xFF)
from write operations. This array block can be utilized
for writing by clearing the BP bits with a Write Status
Register (WRSR) instruction. Note that if this is
performed, care must be taken to prevent overwriting
the serial number.
FIGURE 7-2:
SERIAL NUMBER PHYSICAL MEMORY MAP EXAMPLE
7.3
Extending the 32-bit Serial
Number
For applications that require serial numbers larger than
32 bits, additional data bytes can be used to pad the
provided serial number to meet the required length.
Any data byte values can be used for padding as the
32-bit serial number ensures the extended serial
number remains unique.
The padding can be performed in two ways. The first
method is to pad the data in software by combining the
32-bit serial number from the 11AA02UID with fixed
data. The second method is to extend the number of
bytes read from the 11AA02UID to meet the required
length. Table 7-1 shows example address ranges and
their corresponding serial number lengths.
TABLE 7-1:
EXTENDED READ EXAMPLES
Note:
The 32-bit serial number is unique across
all Microchip UID-family serial EEPROM
devices.
00h
C0h
FFh
Write-Protected
Serial Number Block
Standard
EEPROM
7654
3
2
1
0
XXXX
BP1
BP0
WEL
WIP
——— —
01
——
FAh
FFh
Manufacturer
Code
32-bit Serial Number
29h
Description
Data
Array
Address
11h
12h
34h
56h
78h
Device
Code
Serialized
Fixed
Type
FBh
FCh
FDh
FEh
Start Address
End Address
Serial Number
Length
0xFC
0xFF
32 bits
0xFA
0xFF
48 bits
0xF8
0xFF
64 bits
0xF0
0xFF
128 bits
0xE0
0xFF
256 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32