Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25AA1024I/SM Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce 25AA1024I/SM
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/SM Fiches technique(HTML) 18 Page - Microchip Technology

Back Button 25AA1024I/SM Datasheet HTML 14Page - Microchip Technology 25AA1024I/SM Datasheet HTML 15Page - Microchip Technology 25AA1024I/SM Datasheet HTML 16Page - Microchip Technology 25AA1024I/SM Datasheet HTML 17Page - Microchip Technology 25AA1024I/SM Datasheet HTML 18Page - Microchip Technology 25AA1024I/SM Datasheet HTML 19Page - Microchip Technology 25AA1024I/SM Datasheet HTML 20Page - Microchip Technology 25AA1024I/SM Datasheet HTML 21Page - Microchip Technology 25AA1024I/SM Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
25AA1024
DS20001836J-page 18
 2007-2015 Microchip Technology Inc.
2.11
DEEP POWER-DOWN MODE
Deep Power-Down mode of the 25AA1024 is its
lowest power consumption state. The device will not
respond to any of the Read or Write commands while
in Deep Power-Down mode, and therefore it can be
used as an additional software write protection feature.
The Deep Power-Down mode is entered by driving CS
low, followed by the instruction code (Figure 2-11) onto
the SI line, followed by driving CS high.
If the CS pin is not driven high after the eighth bit of the
instruction code has been given, the device will not
execute Deep Power-down. Once the CS line is driven
high, there is a delay (TDP) before the current settles
to its lowest consumption.
All instructions given during Deep Power-Down mode
are ignored except the Read Electronic Signature
Command (RDID). The RDID command will release
the device from Deep Power-down and outputs the
electronic signature on the SO pin, and then returns
the device to Standby mode after delay (TREL).
Deep Power-Down mode automatically releases at
device power-down. Once power is restored to the
device, it will power-up in the Standby mode.
FIGURE 2-11:
DEEP POWER-DOWN SEQUENCE
SCK
0
2
34
56
7
1
SI
High-Impedance
SO
CS
10
01
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36