Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25AA1024I/SM Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 25AA1024I/SM
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/SM Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 25AA1024I/SM Datasheet HTML 17Page - Microchip Technology 25AA1024I/SM Datasheet HTML 18Page - Microchip Technology 25AA1024I/SM Datasheet HTML 19Page - Microchip Technology 25AA1024I/SM Datasheet HTML 20Page - Microchip Technology 25AA1024I/SM Datasheet HTML 21Page - Microchip Technology 25AA1024I/SM Datasheet HTML 22Page - Microchip Technology 25AA1024I/SM Datasheet HTML 23Page - Microchip Technology 25AA1024I/SM Datasheet HTML 24Page - Microchip Technology 25AA1024I/SM Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20001836J-page 21
25AA1024
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIJ
T/XXXXXX
XXXXXXXX
YYWWNNN
I/P
1L7
25AA1024
1509
Example:
Example:
I/SM
25AA1024
8-Lead DFN
Example:
XXXXXXX
T/XXXXX
YYWW
5AA1024
I/MF
1509
1L7
NNN
3
e
3
e
3
e
15091L7
Legend:
XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
Note
:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36