| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS3208IPZPR Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3208IPZPR Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 79 page ![]() I C Sub Address x 0C 2 S Slave Addr Sub Addr Ack Ack WDE See Note A Res Reset Reset “0” (default state) enables watchdog timer GPIO IN/OUT GPIO DIR 31 30 27 1 1 0 25 Ack Ack Ack GPIOMICROCOUNT MS BYTE GPIOMICROCOUNT LS BYTE Ack GPIO_samp_int 0 24 23 15 7 0 Watchdog Timer MICRO_CLK MICRO_CLK Data_IN_OUT Data Path Switch Sampling Logic Decode 2^16 Decode 2^16 8051 uC Firmware 8051 uControl Down Counter LD Q D GPIO1 ENB Q D GPIO1 ENB TAS3208 SLES201E – JANUARY 2007 – REVISED MARCH 2011 www.ti.com Watchdog Timer There is a hardware watchdog timer in the TAS3208 that can be programmed in the customer application code to monitor the microprocessor activity. If the watchdog timer expires, it will generate a reset to the 8051 microprocessor. GPIOMICROCOUNT, in subaddress 0x0C, is used in order to trigger GPIO and the monitoring to the DSP diagnostic count. Because of this, the value selected for GPIOMICROCOUNT must be chosen to provide a good tradeoff of between micro overheard and adequate execution frequency of these processes. The default value for this counter is 0x5820 which corresponds to a period of 1.25 ms. Figure 18 shows the GPIO register, the GPOI interface, and a typical user application code implementation of the watchdog timer reset. A. Determines how many consecutive logic 0 samples (where each sample is spaced by GPIOMICROCOUNT Micro_clks) are required to read a logic 0 on a GPIO input port Figure 18. GPIO Ports 28 Submit Documentation Feedback Copyright © 2007–2011, Texas Instruments Incorporated Product Folder Link(s): TAS3208 |